Part Number Hot Search : 
SGM8621 1452A 02010 02010 HFD3080 7MBP100 2N4903 AAT31
Product Description
Full Text Search
 

To Download ZGL41-11026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zgl41-100 thru zgl41-200a vishay semiconductors formerly general semiconductor document number 88409 www.vishay.com 09-oct-02 1 surface mount glass passivated power voltage-regulating diodes zener voltage 100 to 200v steady state power 1.0w maximum ratings and electrical characteristics (t a = 25? unless otherwise noted) operating junction and storage temperature range: t j ,t stg : -55? to +150? nominal zener maximum zener maximum dc reverse maximum max. instantaneous voltage at i zt dynamic impedance leakage current surge current forward voltage (note 1) test current z zt at z zk at i zk at v r (note 2) at 200ma type v z (v) i zt (ma) i zt ( ? )( ? ) (ma) i r ( a) v r (v) i rm (madc) v f (v) zgl41-100 100 3.7 250 3100 0.25 1.0 76.0 10.0 1.5 zgl41-110 110 3.4 300 4000 0.25 1.0 83.6 9.1 1.5 zgl41-120 120 3.1 380 4500 0.25 1.0 91.2 8.3 1.5 zgl41-130 130 2.9 450 5000 0.25 1.0 98.8 7.7 1.5 zgl41-140 140 2.7 525 5500 0.25 1.0 106.4 7.1 1.5 zgl41-150 150 2.5 600 6000 0.25 1.0 114.0 6.7 1.5 zgl41-160 160 2.3 700 6500 0.25 1.0 121.6 6.3 1.5 zgl41-170 170 2.2 800 6750 0.25 1.0 129.2 5.9 1.5 zgl41-180 180 2.1 900 7000 0.25 1.0 136.9 5.6 1.5 zgl41-190 190 2.0 1050 7500 0.25 1.0 144.4 5.3 1.5 zgl41-200 200 1.9 1200 8000 0.25 1.0 152.0 5.0 1.5 notes : (1) standard voltage tolerance is ?0%, suffix a = ?% (2) surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on i zt per jedec method (3) maximum steady state power dissipation is 1.0 watt at t t = 75 c features plastic package has underwriters laboratory flammability classification 94v-0 for surface mount applications ?glass passivated junction ?low zener impedance ?low regulation factor high temperature soldering guaranteed: 250?/10 seconds at terminals mechanical data case: jedec do-213ab molded plastic body over passivated junction terminals: solder plated, solderable per mil-std-750, method 2026 polarity: red band denotes zener diode and positive end (cathode) mounting position: any weight: 0.0046 oz., 0.116 g packaging codes/options: 26/5k per 13" reel (12mm tape), 60k/box 46/1.5k per 7" reel (12mm tape), 30k/box dimensions in inches and (millimeters) solderable ends 1st band 0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) d1= 0.105 0.095 (2.67) (2.41) d2 = d1 + 0 - 0.008 (0.20) 1st band denotes type and positive end (cathode) d2 0.022 (0.56) 0.018 (0.46) do-213ab mounting pad layout 0.157 (4.00) 0.118 (3.00) min max 0.256 (6.50) ref 0.049 (1.25) min
zgl41-100 thru zgl41-200a vishay semiconductors formerly general semiconductor www.vishay.com document number 88409 2 09-oct-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) 0 0.25 0.5 0.75 1.0 75 25 50 100 125 150 175 p m(av) -- average power dissipation (w) terminals temperature ( c) fig. 1 -- maximum continuous power dissipation z z -- dynamic zener impedance ( ? ) fig. 2 -- typical zener impedance 10 1 0.1 100 1,000 10,000 i zt -- zener test current (ma) fig. 5 -- steady state power derating curve 180 160 140 120 100 80 200 220 100 130 110 140 150 160 170 180 190 200 v z -- temperature coefficient (mv/ c) tested at rated i zt instantaneous forward current (a) 0.01 0.1 1 10 0.4 0.6 0.8 instantaneous forward voltage (v) 1 1.2 1.4 1.6 pulse width = 300 s 1% duty cycle t j = 25 c fig. 3 -- typical instantaneous forward characteristics v z zener voltage (v) 120 60hz resistive or inductive load p.c.b. mounted on 0.31 x 0.31 x 0.08 (8 x 8 x 2mm) copper areas pads 10 instantaneous reverse current ( a) 0.01 0.1 1 10 02040 percent of rated zener voltage (%) 60 80 100 t j = 25 c t j = 100 c fig. 4 -- typical reverse characteristics i zt -- test zener current (ma) 0.1 1 10 100 150 200 v z -- zener voltage (v) 250 fig. 6 -- typical zener voltage v z = 200v v z = 100v v z = 120v v z = 180v v z = 150v


▲Up To Search▲   

 
Price & Availability of ZGL41-11026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X